Part Number Hot Search : 
MAXL001 IRFZ3 84134311 DK0034T R2812S PT150S8 106K0 00041
Product Description
Full Text Search
 

To Download 1N6309CUS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0193 - 1, rev. 1 (111899 ) ?2011 microsemi corporation page 1 of 6 1n6309us thru 1n6355dus available on commercial versions voidless hermetically sealed 500mv glass zener diodes qualified per mil - prf - 19500/533 qualified levels : jan, jantx, jantxv and jans description this zener v oltage r egulator series is military qualified and is ideal for high - reliability applications where a failure cannot be tolerated. these industry - recognized 0.5 w att zener v oltage r egulators are hermetically sealed with voidless - glass constru ction using an internal metallurgical bond. it includes zener selections from 2.4 to 200 volts in s tandard 5% tolerances as well as tighter 1% and 2% tolerances. they are also available in axial leaded packages. microsemi also offers numerous other zener products to meet higher and lower power ratings in both thru - hole and surface mount packages. b- sq melf package also available in : do - 35 package (axial-leaded) 1n6309 C 1n63 55 d important: for the latest information, visit our website http://www.microsemi.com . features ? surface mount equivalent of jedec registered 1n 6309 thru 1n6355 series. ? voltage tolerances of 1%, 2% and 5 % are available . (see part nomenclature. ) ? voidless hermetically sealed gla ss package. ? internal category i m etallurgical bonds for 1n6321 us thru 1n6355 us and category iii for 1n6309 us thru 1n6320 us . ? jan, jantx, jantx v, and jans reliability levels are available per mil - prf - 19500/533 . ? rohs compliant versions available (commercial grade only) . applications / benefits ? small surface mount melf (d package) . ? regulates voltage over a broad operating current and temperature range . ? extensive selection from 2.4 to 200 volts . ? standard and tight voltage tolerances available . ? extremely robust construction . ? non - sensitive to esd per mil -std- 750 m ethod 1020 . ? inherently radiation hard as described in microsemi micronote 050 . maximum ratings msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temp erature t j and t stg - 65 to +175 o c thermal resistance junction - to - end cap ( 1) 1n6309 us C 1n6320 us 1n6321us C 1n6355us r ? j ec 35 21 o c /w thermal resistance junction - to - ambient ( 2) r ? ja 240 o c /w steady - state power dissipation @ t ec = 150 o c p d 0.5 w forward voltage @ 1.0 a v f 1.4 v solder temperature @ 10 s t sp 260 o c notes : 1. see figure 1 and f igure 2 for derating. 2. t a = +55 c before derating on printed circuit board (pcb), pcb = fr4 .0625 inch (1.59 mm) 1- layer 1 - oz cu, horizontal, still air, pads = .067 inch (1.70 mm) x .105 inch (2.67 mm); strip = .030 inch (0.76 mm) x 1 inch (25.4 mm) long, r ja with a defined thermal resistance condition included is measured at i z = as defined in the characteristics and ratings table herein. downloaded from: http:///
t4 - lds - 0193 - 1, rev. 1 (111899 ) ?2011 microsemi corporation page 2 of 6 1n6309us thru 1n6355dus mechanical and packaging ? case: hermetically sealed voidless hard glass with t ungsten slugs . ? terminals: end caps are c opper with t in/ l ead (sn/pb) or rohs compliant m atte/ t in (commercial grade only) finish . ? polarity: cathode indicated by band . ? tape & reel option: standard per eia - 481 -b. consult factory for quantities. ? weight: 0.0945 grams . ? see p ackage d imensions on last page. part nomenclature jan 1n6309 c us (e3) reliability level jan = jan level jantx = jantx level jantxv = jantx v level jans = jans level blank = commercial jedec type number (s ee e lectrical characteristic s t able ) rohs compliance e3 = rohs compliant ( available on commercial grade only ) blank = non - rohs compliant melf package zener voltage tolerance c = +/ - 2% d = +/ - 1% blank = +/ - 5% symbols & definitions symbol definition i r reverse current: the maximum reverse (leakage) current that will flow at the specifi ed voltage and temperature. i z , i zt , i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). i zm maximum regulator (zener) current: the maximum rated dc current for the specified power rat ing. i zsm maximum zener surge current: the non - repetitive peak value of z ener surge current at a specified wave form. v f maximum forward voltage: the maximum forward voltage the device will exhibit at a specified current. v wm working peak voltage: the maximum peak voltage that can be applied over the operating temperature range. this i s also referred to as standoff voltage. v z zener v oltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. z zt or z zk dynamic impedance: the small signal impedance of the diode when biased to operate in its breakdo wn region at a specified rms current modulation (typically 10% of i zt or i zk ) and superimposed on i zt or i zk respectively. downloaded from: http:///
t4 - lds - 0193 - 1, rev. 1 (111899 ) ?2011 microsemi corporation page 3 of 6 1n6309us thru 1n6355dus electrical characteristics @ 25 o c type note 1 v z2 nom. +/ - 5% @ i z2 v z1 min. @ i z1 250 ua test current i z2 dynamic impedance z z @ i z2 dynamic impedance z zk @ 250 a max. current i zm voltage reg. v z(reg) ( ? v z ) note 2 surge current 8.3 ms s quare wave i zsm reverse voltage v r max. reverse current i r1 @ v r 25 o c max. reverse current i r2 @ v r 150 o c max. noise density n d @ 250 a 1 to 3 khz max. temp. coeff. of zener voltage vz v olts v olts ma ohms ohms ma v olts a mps v olts a a v /hz %/ o c 1n6309us 2.4 1.1 20 30 1,200 177 1.50 2.50 1.0 100 200 1 -.085 1n6310us 2.7 1.2 20 30 1,300 157 1.50 2.20 1.0 60 150 1 -.080 1n6311us 3.0 1.3 20 29 1,400 141 1.50 2.00 1.0 30 100 1 -.075 1n6312us 3.3 1.5 20 27 1,400 128 1.60 1.80 1.0 5 20 1 -.070 1n6313us 3.6 1.8 20 25 1,400 117 1.60 1.65 1.0 3 12 1 -.065 1n6314us 3.9 2.0 20 23 1,700 108 1.60 1.50 1.0 2 12 1 -.060 1n6315us 4.3 2.4 20 20 1,700 99 0.90 1.40 1.0 2 12 1 -.045 +.020 1n6316us 4.7 2.8 20 17 1,500 90 0.50 1.27 1.5 5 12 1 -.028 +.032 1n6317us 5.1 3.3 20 14 1,300 83 0.40 1.17 2.0 5 12 1 -.020 +.035 1n6318us 5.6 4.3 20 8 1,200 76 0.40 1.10 2.5 5 10 2 +.050 1n6319us 6.2 5.2 20 3 800 68 0.30 0.97 3.5 5 10 5 +.060 1n6320us 6.8 6.0 20 3 400 63 0.35 1.23 4.0 2 50 5 +.062 1n6321us 7.5 6.6 20 4 400 57 0.40 1.16 5.0 2 30 5 +.068 1n6322us 8.2 7.5 20 5 400 52 0.40 1.07 6.0 1 10 20 +.075 1n6323us 9.1 8.4 20 6 500 47 0.50 0.97 7.0 1 10 40 +.076 1n6324us 10.0 9.1 20 6 500 43 0.50 0.89 8.0 1 10 80 +.079 1n6325us 11.0 10.0 20 7 550 39 0.50 0.83 8.5 1 10 100 +.082 1n6326us 12.0 11.0 20 7 550 35 0.55 0.77 9.0 1 10 100 +.083 1n6327us 13.0 11.9 9.5 8 550 33 0.55 0.71 9.9 0.05 10 100 +.083 1n6328us 15.0 13.8 8.5 10 600 28 0.70 0.62 11.0 0.05 10 100 +.084 1n6329us 16.0 14.7 7.8 12 600 27 0.75 0.58 12.0 0.05 10 100 +.084 1n6330us 18.0 16.6 7.0 14 600 24 0.85 0.52 14.0 0.05 10 100 +.085 1n6331us 20.0 18.5 6.2 18 500 21 0.95 0.47 15.0 0.05 10 100 +.086 1n6332us 22.0 20.4 5.6 20 500 19 1.05 0.43 17.0 0.05 10 100 +.087 1n6333us 24.0 22.3 5.2 24 500 18 1.15 0.39 18.0 0.05 10 100 +.088 1n6334us 27.0 25.2 4.6 27 500 16 1.30 0.35 21.0 0.05 10 100 +.090 1n6335us 30.0 28.0 4.2 32 500 14 1.45 0.31 23.0 0.05 10 100 +.091 1n6336us 33.0 30.9 3.8 40 600 13 1.60 0.28 25.0 0.05 10 100 +.092 1n6337us 36.0 33.7 3.4 50 600 12 1.75 0.260 27.0 0.05 10 100 +.093 1n6338us 39.0 36.6 3.2 55 700 11 1.90 0.240 30 0.05 10 100 +.094 1n6339us 43.0 40.4 3.0 65 800 9.9 2.10 0.220 33 0.05 10 80 +.095 1n6340us 47.0 44.2 2.7 75 900 9.0 2.25 0.200 36 0.05 10 80 +.095 1n6341us 51.0 48.0 2.5 85 1,000 8.3 2.50 0.180 39 0.05 10 80 +.096 1n6342us 56.0 52.7 2.2 100 1,200 7.6 2.70 0.170 43 0.05 10 80 +.097 1n6343us 62.0 58.4 2.0 125 1,300 6.8 2.90 0.150 47 0.05 10 80 +.099 1n6344us 68.0 64.1 1.8 155 1,500 6.3 3.20 0.130 52 0.05 10 80 +.101 1n6345us 75.0 70.8 1.7 180 1,600 5.7 3.40 0.125 56 0.05 10 80 +.103 1n6346us 82.0 77.4 1.5 220 1,800 5.2 3.80 0.115 62 0.05 10 80 +.105 1n6347us 91.0 86.0 1.4 270 2,100 4.7 4.20 0.100 69 0.05 10 80 +.108 1n6348us 100.0 94.5 1.3 340 2,400 4.3 4.40 0.095 76 0.05 10 80 +.110 1n6349us 110.0 104.0 1.1 500 2,800 3.9 4.80 0.085 84 0.05 10 80 +.110 1n6350us 120.0 113.0 1.0 600 3,200 3.5 5.20 0.080 91 0.05 10 80 +.110 1n6351us 130.0 122 0.95 850 4,100 3.3 5.60 0.070 99 0.05 10 80 +.110 1n6352us 150.0 141 0.85 1,000 4,500 2.8 7.00 0.065 114 0.05 10 80 +.110 1n6353us 160.0 151 0.80 1,200 5,000 2.7 7.50 0.060 122 0.05 10 80 +.110 1n6354us 180.0 170 0.68 1,500 5,600 2.4 9.00 0.050 137 0.05 10 80 +.110 1n6355us 200.0 189 0.65 1,800 6,500 2.1 12.00 0.045 152 0.05 10 80 +.110 notes: 1. standard voltage tolerance is 5 percent. tighter tolerances are available in plus/minus 1 and 2 percent voltage tolerances. (see part nomenclature .) 2. voltage regulation v z(reg) is the measured voltage change at thermal equilibrium between the current of 10% and 50% of maximum zener current i zm when the lead temperature is maintained at 25 c = +8 c, -2 c. downloaded from: http:///
t4 - lds - 0193 - 1, rev. 1 (111899 ) ?2011 microsemi corporation page 4 of 6 1n6309us thru 1n6355dus graphs t ec ( o c) end cap figure 1 - (1n6309 us C 1n6320 us ) t ec temperature - power derating curve r ? jec = 35 o c/w (dc operation) t ec ( o c) end cap figure 2 - (1n6321us C 1n6355us ) t ec temperature - power derating curve r ? jec = 21 o c/w (dc operation) maximum power dissipation - milliwatts maximum power dissipation - milliwatts downloaded from: http:///
t4 - lds - 0193 - 1, rev. 1 (111899 ) ?2011 microsemi corporation page 5 of 6 1n6309us thru 1n6355dus graphs (continued) t pcb ( o c ) ambient figure 3 t pcb temperature - power derating curve r ? ja = 240 o c/w (dc operation) maximum power dissipati on - milliwatts downloaded from: http:///
t4 - lds - 0193 - 1, rev. 1 (111899 ) ?2011 microsemi corporation page 6 of 6 1n6309us thru 1n6355dus package dimensions note: symbol dimensions 1. dimensions are in inches. inch millimeters 2. millimeters are given for general information only. min max min max 3. dimensions are pre - solder dip. bd .070 .085 1.78 2.16 4. in accordance with asme y14.5m, diameters are equivalent bl .165 .195 4.19 4.95 to x symbology. ect .019 .028 0.48 0.71 s .003 min 0.08 min downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N6309CUS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X